Part Number Hot Search : 
BXXGA STK419 A5WEF ST62E60B BR154 BXXGA DS2119ME FC154
Product Description
Full Text Search
 

To Download 2N2906E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
2N2906E
EPITAXIAL PLANAR PNP TRANSISTOR
B B1
FEATURES
: ICEX=-50nA(Max.), IBL=-50nA(Max.) @VCE=-30V, VEB=-3V. Excellent DC Current Gain Linearity. Low Saturation Voltage : VCE(sat)=-0.4V(Max.) @IC=-50mA, IB=-5mA. : Cob=4.5pF(Max.) @VCB=5V.
1. Q 1 2. Q 1 3. Q 2 4. Q 2 5. Q 2 6. Q 1
H A1
Low Leakage Current
A
C
1
6
C
2
5
3
4
P
P
DIM A A1 B B1 C D H J
P
MILLIMETERS _ 1.6 + 0.05 _ 1.0 + 0.05 _ 1.6 + 0.05 _ 1.2 + 0.05 0.50 _ 0.2 + 0.05 _ 0.5 + 0.05 _ 0.12 + 0.05
5
Low Collector Output Capacitance
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range * Total Rating
)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg RATING -40 -40 -5 -200 -50 200 150 -55 150 UNIT V V V mA mA mW
EMITTER BASE BASE COLLECTOR EMITTER COLLECTOR
TES6
EQUIVALENT CIRCUIT (TOP VIEW)
6 5 4
Q1
J
D
Q2
1
2
3
Marking
Type Name
ZA
2002. 9. 17
Revision No : 0
1/4
2N2906E
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Collector Cut-off Current Base Cut-off Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage * Emitter-Base Breakdown Voltage SYMBOL ICEX IBL V(BR)CBO V(BR)CEO V(BR)EBO hFE(1) hFE(2) DC Current Gain * hFE(3) hFE(4) hFE(5) Collector-Emitter Saturation Voltage * VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 fT Cob Cib hie hre hfe hoe NF VCE=-5V, IC=-0.1mA, Rg=1k , f=10Hz 15.7kHz
Vout V in 275
TEST CONDITION VCE=-30V, VEB=-3V VCE=-30V, VEB=-3V IC=-10 A, IE=0 IC=-1mA, IB=0 IE=-10 A, IC=0 VCE=-1V, IC=-0.1mA VCE=-1V, IC=-1mA VCE=-1V, IC=-10mA VCE=-1V, IC=-50mA VCE=-1V, IC=-100mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA VCE=-20V, IC=-10mA, f=100MHz VCB=-5V, IE=0, f=1MHz VBE=-0.5V, IC=0, f=1MHz
MIN. -40 -40 -5.0 60 80 100 60 30 -0.65 250 2.0
TYP. -
MAX. -50 -50 300 -0.25
UNIT nA nA V V V
V -0.4 -0.85 V -0.95 4.5 10 12 10 400 60 4.0 dB MHz pF pF k x10-4
Base-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance Input Capacitance Input Impedance Voltage Feedback Ratio Small-Signal Current Gain Collector Output Admittance Noise Figure
*
VCE=-10V, IC=-1mA, f=1kHz
1.0 100 3.0 -
Delay Time
td
10k
C Total 4pF
-
-
35
Rise Time Switching Time
tr
0.5V -10.6V 300ns
VCC =-3.0V 0 t r ,t f < 1ns, Du=2%
-
-
35 nS
Vout V in 275
Storage Time
tstg
10k 1N916 or equiv.
C Total 4pF
-
225
Fall Time
tf
9.1V -10.9V 20s
VCC =-3.0V 0 t r ,t f < 1ns, Du=2%
-
-
75
* Pulse Test : Pulse Width 300 S, Duty Cycle 2%.
2002. 9. 17
Revision No : 0
2/4
2N2906E
I C - VCE
COLLECTOR CURRENT I C (mA) -100 -80 -60 -40 -20 0 0 -1 -2
-1 -0.9 -0.8
h FE - I C
1k DC CURRENT GAIN h FE 500 300
Ta=125 C Ta=25 C Ta=-55 C COMMON EMITTER VCE =-1V
-0.7 -0.6 -0.5 -0.4 -0.3 -0.2 IB =-0.1mA COMMON EMITTER Ta=25 C
100 50 30
-3
-4
10 -0.1
-0.3
-1
-3
-10
-30
-100
-300
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT I C (mA)
VBE(sat) - I C
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat) (V) -10 BASE-EMITTER SATURATION VOLTAGE VBE(sat) (V) -5 -3
COMMON EMITTER I C /I E =10
VCE(sat) - I C
-1 -0.5 -0.3
COMMON EMITTER I C /I B =10
-1 -0.5 -0.3
Ta=-55 C Ta=25 C Ta=125 C
-0.1 -0.05 -0.03
Ta=1
25 C
Ta=25 C Ta=-55 C
-0.1 -0.1
-0.3
-1
-3
-10
-30
-100
-300
-0.01 -0.1
-0.3
-1
-3
-10
-30
-100
-300
COLLECTOR CURRENT I C (mA)
COLLECTOR CURRENT I C (mA)
COLLECTOR-EMITTER VOLTAGE VCE (V)
I C - VBE
-200 COLLECTOR CURRENT I C (mA) -160 -120
5C Ta=25 C Ta=55 C
COMMON EMITTER VCE =-1V
VCE - I B
-1.0 -0.8
IC =1mA
IC =10mA
I C =30mA
-0.6 -0.4 -0.2
-40 0 0 -0.4
Ta=12
-80
-0.8
-1.2
-1.6
0 -0.001
COMMON EMITTER Ta=25 C
-0.01
-0.1
-1
I C =100mA
-10
BASE-EMITTER VOLTAGE V BE (V)
BASE CURRENT I B (mA)
2002. 9. 17
Revision No : 0
3/4
2N2906E
50 30 CAPACITANCE C ob (pF) C ib (pF)
COLLECTOR POWER DISSIPATION PC (mW)
C ob - VCB , C ib - VEB
f=1MHz Ta=25 C
Pc - Ta
250 200 150 100 50 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE Ta ( C)
10 5 3
C ib
C ob
1 0.5 -0.1 -0.3 -1 -3 -10 -30 REVERSE VOLTAGE V CB (V) V EB (V)
2002. 9. 17
Revision No : 0
4/4


▲Up To Search▲   

 
Price & Availability of 2N2906E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X